PART |
Description |
Maker |
AM21L49-70LC AM21L49-70DC AM2149-70DC AM2149-70PC |
1.5A, 500kHz Step-Down Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5A, 500kHz Step-Down Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 100MHz Current Feedback Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C 1.1A, 35MHz Current Feedback Amplifier (CFA); Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C Dual and Quad 45MHz, 400V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Low Dropout Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250mA/60MHz Current Feedback Amplifier; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x4的SRAM x4 SRAM x4的SRAM 150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x4的SRAM 23MHz, 50V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Advanced Micro Devices, Inc. Rochester Electronics, LLC TT electronics Semelab, Ltd. Glenair, Inc.
|
TX7-705C-S-HP |
High precision SMD TCXO High frequency stability vs. temperature 0.10 ppm
|
QUARTZCOM the communications company
|
TX-4020-EAJ-1470 TX-4020-DAJ-1470 TX-4020-DAE-1070 |
Temperature Compensated Crystal Oscillator High Precision
|
Vectron International, Inc
|
MAX6143 MAX6143BASA25 MAX6143AASA33 MAX6143AASA25 |
High-Precision Voltage Reference with Temperature Sensor
|
MAXIM[Maxim Integrated Products]
|
OP249GPZ OP249GSZ-REEL7 5962-9151901M2A |
Dual, Precision JFET High Speed Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 3600 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, PDIP8 Dual, Precision JFET High Speed Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 3600 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, PDSO8 Dual, Precision JFET High Speed Operational Amplifier; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 20; Temperature Range: Military DUAL OP-AMP, 500 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, CQCC20
|
Analog Devices, Inc.
|
ZHT2431 ZHT2431C02 ZHT2431F02 |
HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
|
ZETEX[Zetex Semiconductors] ETC
|
NCT47 NCT47SNT1 |
From old datasheet system High Precision Temperature-to-Voltage Converter
|
ONSEMI[ON Semiconductor]
|
5962R9573901VCC |
High-Precision Voltage References with Temperature Sensor 输入与非
|
TE Connectivity, Ltd.
|
TX7-503-SQ-HP |
High precision analogue temperature compensated small packaged SMD TCXO
|
QUARTZCOM the communica...
|
SA10110 SA10111 HTF3000 |
SA series, high-precision,Pt-film thermal sensors. TEMPERATURE AND HUMIDITY MODULE
|
Humirel
|
REC-115L 115L |
Precision Linear Transducers, Conductive Plastic (REC) Precision Linear Transducers, Conductive Plastic, Simply Mounted, Robust, High Accuracy, Excellent Repeatability, Long Life, Essentially Infinite Resolution, Not Sensitive to Temperature Variations
|
Vishay Intertechnology,Inc.
|